Part Number Hot Search : 
C2104 00LVEL3 TLE4264G A5059 A393E MD41D1 AHC245 4391KZ
Product Description
Full Text Search
 

To Download HC70504 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2.15 hc7050/2 hc7050/4 quartz smd, ceramic specifications symbol hc7050 frequency range f 6.000m hz ~ 30.000m hz 30.000m hz ~ 125.000m hz frequency tolerance,t a=25c ?f/f 10ppm ~ 50ppm load capacitance c l 10pf ~ 32pf t emperature tolerance ?f/f 10ppm ~ 50ppm t emperature range storage t emperature t stg -40c ~ +85c oper ating temperature t opr -20c ~ +70c driv e level m ax imum drive lev el m dl 500w recommended drive lev el r dl 10w ~ 100w series resistance r 1 as per table shunt capacitance c 0 7pf insulation resistance i r 500m ohm aging ?f a 3ppm/y ear max resistance of series resonance (esr ) frequency (m hz ) m ode ohm ma x frequency (m hz ) m ode ohm ma x 6 <= f < 8 fundamental 100 30 <= f < 40 3rd o t 100 8 <= f < 16 fundamental 80 40 <= f < 125 3rd o t 80 16 <= f < 30 fundamental 50 25c 3c ma x mi n other s are offered other s are offered ov ertone mode other s are offered please specify other s are offered rem arks fundamental mode features: - sm d ceramic enclosures - high r eliability seam w elded seal - frequency up to 125 m hz - ult ra thin pr ofile draw ing hc7050/2 hc7050/4 dimensions in mm order key q - 30.000000m - hc7050/2 - f - 30 - 50 - d - 30 - tr part frequenc y package m ode of frequenc y temperatur e temperatur e load option osci ll atio n tol erance tol erance range capaci tance q=quart z m=mh z hc7050/2 f=f und. ppm ppm a= 0c ~ +70 c pf tr=tape and reel hc7050/4 3=3.ot (25c) (tem p. range) b= -10 c ~ +60c sr=s eries x =spec ial opt ions c= -10c ~ +70c /2 = 2 pads d= -20c ~ +70c /4 = 4 pads e= -40 c ~ +85c h= -20c ~ +80c i = -10c ~ +50 c a uris - gmb h office@au ris - gm bh.de ww w. au r i s - gm bh.de a l l spec if ica t io n s a re s ub je ct to ch ang e w it ho u t no tic e.


▲Up To Search▲   

 
Price & Availability of HC70504

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X